PART |
Description |
Maker |
5962-8685922ZX 5962-8685905XX 5962-8685917LX 5962- |
Precision Silicon Oscillators with Enable or Autoenable Standard Definition Video Reconstruction Filters and Buffers -12V, Inverting, PWM, Current-Mode DC-DC Converter Switch-Mode Regulator with 5V to ±12 or ±15V Dual-Output Evaluation Kit for the MAX7428 x4 SRAM x4的SRAM
|
Electronic Theatre Controls, Inc.
|
ZUW1R50515 ZUW1R51215 |
UL recognized, TV approved, CSA certified 5 year warranty(refer to Instruction Manual)
|
List of Unclassifed Manufacturers
|
DS2155 DS1073 DS1073M-100 DS1073M-60 DS1073M-66 DS |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 1000 Base-T, ±15kV ESD Protection LAN Switches 3V的EconOscillator /分频 EconOscillator/Divider EconOscillator /分频 1000 Base-T, ±15kV ESD Protection LAN Switches 3V EconOscillator/Divider 3-Volt EconOscillator/Divider
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc. Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
LT1031 LT1031B LT1031BCH LT1031BMH LT1031C LT1031C |
From old datasheet system Precision 10 Volt Refecence Precision 10 Volt Reference Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight Hex Noninverting Buffers With Open-Collector Outputs 14-SOIC 0 to 70 PTSE 16C 16#16 SKT RECP 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY3
|
http:// LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MAX1304 MAX1308 MAX1305 MAX1306 MAX1309 MAX1310 MA |
8/4/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
MAXIM - Dallas Semiconductor
|
ZRA400A01 ZRA400A03 ZRA400F01 ZRA400F02 ZRA400A02 |
PRECISION 4.0 VOLT MICROPOWER vOLTAGE REFERENCE
|
Zetex Semiconductors
|
ZRB500R01 ZRB500R02 ZRB500R03 ZRB500N801 ZRB500N80 |
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
|
ZETEX[Zetex Semiconductors]
|
ZRA124F01TA ZRA124 |
PRECISION 1.24 VOLT MICROPOWER VOLTAGE REFERENCE
|
ZETEX[Zetex Semiconductors]
|
IDT74LVC11ADC IDT74LVC11APY IDT74LVC11A IDT74LVC11 |
Adjustable Precision Shunt Regulator 8-SOIC -40 to 85 Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85 3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ZR285-25 |
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 精密2.5伏微功耗电压参
|
Zetex Semiconductor PLC
|
ZRC330 ZRC330F01TA ZRC330F02TA |
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
|
Diodes Incorporated
|